Part Number Hot Search : 
C1555C 5N05E 2SC4685 2SC5087 LA2730 300B12 5357B 5KP17A
Product Description
Full Text Search
 

To Download R2500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
R1200 THRU R3000
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
VOLTAGE RANGE - 1200 to 3000 Volts CURRENT - 0.2 to 0.5 Ampere
FEATURES
* Low cost * Low leakage * Low forward voltage drop * High current capability
DO-41
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.35 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Volts Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 50 oC Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 0.5A/0.2A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TA = 25 o C @TA =100 o C VRRM VRMS VDC IO IFSM VF IR
R1200 1200 840 1200
R1500 1500 1050 1500 500
R1800 1800 1260 1800
R2000 2000 1400 2000
R2500 2500 1750 2500 200
R3000 3000 2100 3000
UNITS Volts Volts Volts mAmps Amps
30 2.0 5.0 100 30 3.0 4.0
Volts uAmps uAmps pF
0
Maximum Full Load Reverse Current Average, Full Cycle .375* (9.5mm) lead length at T L = 75oC Typical Junction Capacitance (Note) Operating and Storage Temperature Range NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
CJ TJ, TSTG
30 -65 to + 175
C
146
NEXT
BACK NEXT
EXIT BACK
RA TING AND CHARACTERISTIC CURVES (R1200 THRU R3000)
DC COMPONENTS CO., LTD.
R
147
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of R2500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X